Part Number Hot Search : 
24SVF AT28C64A 9435G UPA2450B LTM4642 LPR503AL XFATM A101M
Product Description
Full Text Search
 

To Download HCF4000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 HCC/HCF4000B-4001B HCC/HCF4002B-4025B NOR GATE
4000B-DUAL 3 INPUT PLUS INVERTER 4001B-QUAD 2 INPUT 4002B-DUAL 4 INPUT 4025B TRIPLE 3 INPUT micropackage. The HCC/HCF4000B, HCC/HCF4001B, HCC/HCF 4002B and HCC/HCF4025B nor gate provide the system designer with direct implementation of the nor function and supplement the existing family of COS/MOS gates. All inputs and outputs are buffered.
.PROPAGATI .BUFFEREDI .STANDARDI .QUI .5V,10VAND15VPARAMETRI .I .100%TESTEDFORQUI .MEETSALLREQUI
DESCRIPTION
ON DELAY TIME = 60 ns (typ.) AT CL = 50 pF, VDD = 10 V NPUTS AND OUTPUTS ZED SYMMETRICAL OUTPUT CHARACTERISTICS ESCENT CURRENT SPECIFIED TO 20 V FOR HCC DEVICE C RATINGS NPUT CURRENT OF 100nA AT 18V AND 25 oC FOR HCC DEVICE ESCENT CURRENT REMENTS OF JEDEC TENTATIVE STANDARD N. 13A, " STANDARD SPECIFICATIONS FOR DESCRIPTION OF B SERIES CMOS DEVICES "
EY (Plastic Package)
F (Ceramic Package)
The HCC4000B, HCC4001B, HCC4002B and HCC4025B (extended temperature range) and HCF4000B, HCF4001B, HCF4002B and HCF4025B (intermediate temperature range) are monolithic integrated circuit, available in 14-lead dual in line plastic or ceramic package and plastic PIN CONNECTIONS 4000B 4001B
M1 (Micro Package)
C1 (Chip Carrier)
ORDER CODES : HCCXXXXBF HCFXXXXBM1 HCFXXXXBEY HCFXXXXBC1
4002B
4025B
September 1988
1/13
HCC/HCF4000B-4001B-4002B-4025B
ABSOLUTE MAXIMUM RATING
Symbol VDD * Vi II Ptot Parameter Supply Voltage: HCC Types HCF Types Input Voltage DC Input Current (any one input) Total Power Dissipation (per package) Dissipation per Output Transistor for Top = Full Package Temperature Range Operating Temperature: HCC Types HCF Types Storage Temperature Value -0.5 to +20 -0.5 to +18 -0.5 to VDD + 0.5 10 200 100 -55 to +125 -40 to +85 -65 to +150 Unit V V V mA mW mW
o o o
Top Tstg
C C C
Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress ratingonly and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for external periods may affect device reliability. * All voltage values are referred to VSS pin voltage.
RECOMMENDED OPERATING CONDITIONS
Symbol VDD VI Top Parameter Supply Voltage: HCC Types HCF Types Input Voltage Operating Temperature: HCC Types HCF Types Value 3 to 18 3 to 15 0 to VDD -55 to +125 -40 to +85 Unit V V V
o o
C C
2/13
HCC/ HCF4000B-4001B-4002B-4025B
SCHEMATIC AND LOGIC DIAGRAMS
4000B
INVERTERAND 1 OF 2 GATES (NUMBERS IN PARANTHESES ARE THERMINAL FOR SECOND GATE)
4001B
1 OF 4 GATES (NUMBERS IN PARANTHESES ARE THERMINAL FOR OTHER GATE)
3/13
HCC/HCF4000B-4001B-4002B-4025B
SCHEMATIC AND LOGIC DIAGRAMS (continued)
4002B
1 OF2 GATES (NUMBERS IN PARANTHESES ARE THERMINAL FOR SECOND GATE)
4025B
INVERTERAND 1 OF 3 GATES (NUMBERS IN PARANTHESES ARE THERMINAL FOR OTHER GATES)
4/13
HCC/ HCF4000B-4001B-4002B-4025B
STATIC ELECTRICAL CHARACTERISTICS (over recommended operating conditions)
Symbol IL Parameter Quiescent Current VI (V) Test Conditios VO |IO| VDD (V) (A) (V) 5 10 15 20 5 10 15 5 10 15 5 10 15 5 10 15 5 10 15 5 5 10 15 5 5 10 15 5 10 15 5 10 15 18 Any Input 0/15 Any Input
o
V OH
VOL
VIH
0/5 0/10 0/15 0/20 0/5 HCF 0/10 Types 0/15 Output High 0/5 Voltage 0/10 0/15 Output Low 5/0 Voltage 10/0 15/0 Input High Voltage HCC Types Input Low Voltage Output Drive Current 0/5 0/5 0/10 0/15 0/5 0/5 0/10 0/15 0/5 0/10 0/15 0/5 0/10 0/15 0/18
V IL
IOH
HCC Types
HCF Types IOL Output Sink Current
HCC Types HCF Types
0.5/4.5 1/9 1.5/13.5 4.5/0.5 9/1 13.5/1.5 2.5 4.6 9.5 13.5 2.5 4.6 9.5 13.5 0.4 0.5 1.5 0.4 0.5 1.5
< < < < < < < < < < < <
1 1 1 1 1 1 1 1 1 1 1 1
TLOW * Min. Max. 0.25 0.5 1 5 1 2 4 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 -2 -0.64 -1.6 -4.2 -1.53 -0.52 -1.3 -3.6 0.64 1.6 4.2 0.52 1.3 3.6 0.1 0.3
Value 25 oC Min. Typ. Max. 0.01 0.25 0.01 0.5 0.01 1 0.02 5 0.01 1 0.01 2 0.01 4 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 -1.6 -3.2 -0.51 -1 -1.3 -2.6 -3.4 -6.8 -1.36 -3.2 -0.44 -1 -1.1 -2.6 -3.0 -6.8 0.51 1 1.3 2.6 3.4 6.8 0.44 1 1.1 2.6 3.0 6.8 10-5 10-5 5 0.1 0.3 7.5
THIGH * Min. Max. 7.5 15 30 150 7.5 15 30 4.95 9.95 14.95 0.05 0.05 0.05 3.5 7 11 1.5 3 4 -1.15 -0.36 -0.9 -2.4 -1.1 -0.36 -0.9 -2.4 0.36 0.9 2.4 0.36 0.9 2.4 1 1
Unit
A
V
V
V
V
mA
mA
IIH, IIL
Input Leakage Current Input Capacitance
o
HCC Types HCF Types
A
15
CI
pF
* TLOW = -55 C for HCC device: -40 C for HCF device. * THIGH = +125 oC for HCC device: +85 oC for HCF device. The Noise Margin for both "1" and "0" level is: 1V min. with VDD = 5 V, 2 V min. with VDD = 10 V, 2.5 V min. with VDD = 15 V
5/13
HCC/HCF4000B-4001B-4002B-4025B
DYNAMIC ELECTRICAL CHARACTERISTICS (Tamb = 25 o C, C L = 50 pF, RL = 200 K, o typical temperature coefficent for all VDD values is 03 %/ C, all input rise and fall times= 20 ns)
Symbol tPHL tPLH tTHL tTLH Parameter Propagation Delay Time Test Conditions VDD (V) 5 10 5 5 10 15 Min. Value Typ. 125 60 45 100 50 40 Max. 250 120 90 200 100 80 Unit
ns
Transition Time
ns
Typical Output Low (sink) Current Characteristics
Minimum Output Low (sink) Current Characteristics
Typical Output High (source) Current Characteristics
Minimum Output High (sorce) Current Characteristics
6/13
HCC/ HCF4000B-4001B-4002B-4025B
Typical Transition Time vs Load Capacitance Typical Propagation Delay Time vs Load Capacitance
Typical Voltage Transfer Characteristics as a Function of Temperature
Typical Power Dissipation Per Gate vs Frequency
7/13
HCC/HCF4000B-4001B-4002B-4025B
TEST CIRCUITS Quiescent Device Current. Noise Immunity.
Input Leakage Current.
8/13
HCC/ HCF4000B-4001B-4002B-4025B
Plastic DIP14 MECHANICAL DATA
mm MIN. a1 B b b1 D E e e3 F I L Z 1.27 3.3 2.54 0.050 8.5 2.54 15.24 7.1 5.1 0.130 0.100 0.51 1.39 0.5 0.25 20 0.335 0.100 0.600 0.280 0.201 1.65 TYP. MAX. MIN. 0.020 0.055 0.020 0.010 0.787 0.065 inch TYP. MAX.
DIM.
P001A
9/13
HCC/HCF4000B-4001B-4002B-4025B
Ceramic DIP14/1 MECHANICAL DATA
mm MIN. A B D E e3 F G H L M N P Q 7.8 2.29 0.4 1.17 0.22 1.52 0.38 15.24 2.79 0.55 1.52 0.31 2.54 10.3 8.05 5.08 0.307 0.090 0.016 0.046 0.009 0.060 3.3 0.015 0.600 0.110 0.022 0.060 0.012 0.100 0.406 0.317 0.200 TYP. MAX. 20 7.0 0.130 MIN. inch TYP. MAX. 0.787 0.276
DIM.
P053C
10/13
HCC/ HCF4000B-4001B-4002B-4025B
SO14 MECHANICAL DATA
DIM. MIN. A a1 a2 b b1 C c1 D E e e3 F G L M S 3.8 4.6 0.5 8.55 5.8 1.27 7.62 4.0 5.3 1.27 0.68 8 (max.) 0.149 0.181 0.019 8.75 6.2 0.35 0.19 0.5 45 (typ.) 0.336 0.228 0.050 0.300 0.157 0.208 0.050 0.026 0.344 0.244 0.1 mm TYP. MAX. 1.75 0.2 1.65 0.46 0.25 0.013 0.007 0.019 0.003 MIN. inch TYP. MAX. 0.068 0.007 0.064 0.018 0.010
P013G
11/13
HCC/HCF4000B-4001B-4002B-4025B
PLCC20 MECHANICAL DATA
mm MIN. A B D d1 d2 E e e3 F G M M1 1.27 1.14 7.37 1.27 5.08 0.38 0.101 0.050 0.045 9.78 8.89 4.2 2.54 0.56 8.38 0.290 0.050 0.200 0.015 0.004 TYP. MAX. 10.03 9.04 4.57 MIN. 0.385 0.350 0.165 0.100 0.022 0.330 inch TYP. MAX. 0.395 0.356 0.180
DIM.
P027A
12/13
HCC/ HCF4000B-4001B-4002B-4025B
Information furnished is believed to be accurate and reliable. However, SGS-THOMSON Microelectronics assumes no responsability for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may results from its use. No license is granted by implication or otherwise under any patent or patent rights of SGS-THOMSON Microelectronics. Specifications mentioned in this publication are subject to change without notice. This publication supersedes and replaces all information previously supplied. SGS-THOMSON Microelectronics products are not authorized for use ascritical components in life support devices or systems without express written approval of SGS-THOMSON Microelectonics. (c) 1994 SGS-THOMSON Microelectronics - All Rights Reserved SGS-THOMSON Microelectronics GROUP OF COMPANIES Australia - Brazil - France - Germany - Hong Kong - Italy - Japan - Korea - Malaysia - Malta - Morocco - The Netherlands Singapore - Spain - Sweden - Switzerland - Taiwan - Thailand - United Kingdom - U.S.A
13/13


▲Up To Search▲   

 
Price & Availability of HCF4000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X